PART |
Description |
Maker |
MS-156-HRMJ-2 MS-156-HRMJ-3 MS-156-HRMJ-5 MS-156-H |
Subminiature Coaxial Switch 1.6 mm High, DC to 6 GHz 微型同轴开.6毫米高,直流6GHz Subminiature Coaxial Switch 1.6 mm High, DC to 6 GHz 微型同轴开1.6毫米高,直流GHz
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
PE7110 |
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 12GHz to 18 GHz SWITCH TYPE:SPST
|
Pasternack Enterprises, Inc...
|
PE7125 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1GHz SWITCH TYPE:SP4T
|
Pasternack Enterprises, Inc...
|
PE7122 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SP3T
|
Pasternack Enterprises, Inc...
|
PE7127 |
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 1 GHz TO 18 GHz SWITCH TYPE:SP4T
|
Pasternack Enterprises, Inc...
|
CCS-47N7E-S CCS-47N7E-R CCS-47N7E-D CCS-47N7E-M CC |
Latching TRANSFER Coaxial Switch
|
Teledyne Technologies I...
|
RZ-1205S RZ-XX05S RZ-0505 RZ-0505S RZ-0512S RZ-051 |
0.5 Watt SMD Isolated Single Output 0.5瓦单输出隔离贴片 ZV Series, Subminiature Basic Switch, SPDT, 125/250 Vac, 0.1 A, Pin Plunger Actuator, Quick Connect Termination 5015 RR 14#16 PIN RECP ZV Series, Subminiature Basic Switch, SPDT, 6(2)A 250 Vac, 6 A, Straight Lever Actuator, Quick Connect Termination
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
CCP-32N7E-S CCP-32N7E-D CCP-32N7E-R CCP-32N7E-T CC |
Low PIM DC? GHz Latching SPDT Coaxial Switch
|
Willow Technologies Ltd Teledyne Technologies I...
|
D2SW-P01B D2SW-P01D D2SW-P01H D2SW-P01L1B D2SW-P01 |
Sealed Subminiature Basic Switch
|
Omron Electronics LLC
|
KSR2D3MGLFG |
Subminiature Detect Switch for SMT
|
C&K Components
|
KSR11GLFG KSR11GLFS KSR11GNCLFG KSR11GNCLFS KSR31G |
Subminiature Tact Switch for SMT
|
C&K Components
|